Part Number Hot Search : 
R3000 D2115 SG9435 002DR SMWXXXX SI472 CMPZ4621 1N5637
Product Description
Full Text Search
 

To Download ABMM1-FREQ-18-R050-B-1-H-F-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microprocessor crystals ceramic surface mount miniature abmm and abmm1 standard specifications standard specifications frequency range 8.000 mhz - 90 mhz operation mode 8.0 mhz ~ 32 mhz (fundamental) 28 mhz ~ 90 mhz (3rd overtone) operating temperature -10c to + 60c (see options) storage temperature -40c to + 85c frequency tolerance @ 25c 50 ppm max. (see options) frequency stability over temp. 50 ppm max. (see options) 100 ppm max. @ -10c to + 60c (fb) equivalent series resistance 60 ? max. for f ~ 8.0 mhz to 15.999 mhz (esr) fundamental 50 ? max. for f ~ 16 mhz to 32.000 mhz 3rd overtone 100 ? max. for f ~ 28 mhz to 90.000 mhz shunt capacitance c 0 7 pf max. load capacitance c l 18 pf (see options) drive level 500 w max, 100 w correlation aging @ 25c per year 5 ppm max. insulation resistance: 500 m ? min. at 100 vdc 15 v applications:  pcmcia applications.  suitable for thin equipment. features:  low in height; (1.1 mm) suitable for thin equipment.  at strip cut offering a tight tolerance and stability.  suitable for solder reflow. environmental, and mechanical specifications, see appendix c. group 2. marking, see appendix g. tape and reel, see appendix h.(1,000 pcs / reel) reflow profile, see appendix e. recommended handling, see appendix f. application notes, see appendix a. note : please contact us for availability above 100mhz abmm - frequency -cl - esr - t emperature - t olerance - stability - mode - packaging ordering options ** 100ppm max. stability from -10c. to 60c only. abmm1 0.043 (1.1) frequency range 3.5 mhz - 25 mhz operation mode fundamental, at operating temperature -10c to + 60 c (see options) storage temperature -55c to + 125 c frequency tolerance @ 25c 50 ppm max. (see options) frequency stability over temp. 50 ppm max. (see options) equivalent series resistance 200 ? for 3.5 mhz < f < 4.0 mhz (esr) maximum 150 ? for 4.0 mhz < f < 6.0 mhz 100 ? for 6.0 mhz < f < 10.0 mhz 80 ? for 10 mhz < f < 14.0 mhz 50 ? for 14 mhz < f < _ 25 mhz shunt capacitance c 0 7 pf max. load capacitance c l 16 p f (see option) drive level 100 ? max. aging @ 25 c first year 5 pp m max. insulation resistance 500 m ? min. at 100 vdc 15v - frequency -cl - esr - temperature - tolerance - stability - mode - packaging xx.xxxx mhz rxxx (value in ? ) -1 for 10ppm -7 for 15ppm -2 for 20ppm -3 for 25ppm -4 for 30ppm - t (tape & reel) -f (for fundamental at > _ 33mhz) -fb (fundamental bt) ** -e for 0c to + 70c -b for -20c to + 70c -c for -30c to + 70c -n for -30c to + 85c -d for -40c to + 85c load cap.in pf or -s for series package h max . abmm 0.052 (1.3) abmm1 0.043 (1.1) contact us for tighter tolerance and stability. certain restrictions apply on selected frequencies and frequency stabilities. dimensions: inches (mm) * please contact us for availability. -y for 10ppm max. * -g for 15ppm max. * -x for 20ppm max. -w for 25ppm max. -y for 30ppm max. -h for 35ppm max. 7.0 x 5.0 x 1.3 mm standard specifications frequency range 6.000mhz - 125mhz ( see note ) operation mode 6.0mhz ~ 33mhz (fundamental) 33.01mhz ~ 125mhz (3rd overtone) operating temperature -10c to + 60c (see options) storage temperature -40c to +85c frequency tolerance @ 25c 50ppm max. (see options) frequency stability over temp. 50ppm max. (see options) 100ppm max. @ -10c to +60c (fb) equivalent series resistance 70 ? max. for 6.0mhz < f < 12.0mhz (esr) fundamental 50 ? max. for 12mhz < f < 20.0mhz 40 ? max. for 20.0mhz < f < 33.0mhz 3rd overtone 80 ? max. for 33.0mhz < f < 125mhz shunt capacitance c 0 7pf max. load capacitance c l 18pf (see options) drive level 500 w max, 100w correlation aging @ 25c per year 5ppm max. insulation resistance: 500m ? min. at 100vdc 15v abracon is a b r a c o n i s iso 9001 / qs 9000 i s o 9 0 0 1 / q s 9 0 0 0 certified c e r t i f i e d abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com rev3.2-5/06


▲Up To Search▲   

 
Price & Availability of ABMM1-FREQ-18-R050-B-1-H-F-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X